Part Number Hot Search : 
133BGXI KT836W11 TC1240 200K6T 1N3880 23202 2SA10 TPD1030
Product Description
Full Text Search
 

To Download 1N5391GTHRU1N5399G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CE
CHENYI ELECTRONICS
1N5391G THRU 1N5399G
GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1000 Volts Forward Current - 1.5Amperes
FEATURES
. The plastic package carries Underwrites Laboratory Flammability Classification 94V-0 . High current capability . Low reverse leakage . Glass passivated junction . Low forward voltage drop . High temperature soldering guaranteed: 350 0.375"(9.5mm)lead length,5lbs.(2.3kg)tension /10 seconds,
MECHANICAL DATA
. Case: JEDEC DO-15 molded plastic body . Terminals: Plated axial lead solderable per MIL-STD-750,method 2026 . Polarity: Color band denotes cathode end . Mounting Position: Any . Weight: 0.014 ounce, 0.39 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25 ambient temperature unless otherwise specified,Single phase,half wave 60Hz,resistive or inductive) load. For capacitive load,derate by 20%)
Symbols
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Macimum average forward rectified current 0.375"(9.5mm)lead length at TA=70 Peak forward surge current 8.3ms sing-wave superimposed on rated load (JEDEC method) Maximum instantaneous forward voltage at 1.5 A Maximum reverse current at rated DC blocking voltage Typeical thermal resistance(Note 2) Typical junction Capacitance(Note 1) Maximum DC Blocking Voltage temperature Operating and storage temperature range TA=25 TA=125 VF IR IFSM (see Fig.1) VRRM VRMS VDC I(AV)
1N
1N
1N
1N
1N
1N
1N
1N
1N
5391G 5392G 5393G 5394G 5395G 5396G 5397G 5398G 5399G
50 35 50 100 70 100 200 140 200 300 210 300 400 280 400 1.5 500 350 500 600 420 600 800 560 800 1000 700 1000
Units
Volts Volts Volts Amps
50.0
Amps
1.4 5.0
Volts A
50.0
R R
CJ TA
TJ TSTG
JA JL
50.0 /W 25.0 20.0 +150 -65 to +175 pF
Notes: 1. Measured at 1MHz and applied reverse voltage of 4.0V DC 2.Thermal resistance from juntion to ambient and from junction lead at 0.375"(9.5mm)lead length, P.C.B. Mounted
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2
CE
CHENYI ELECTRONICS
1N5391G THRU 1N5399G
GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1000 Volts Forward Current - 1.5Amperes
RATINGS AND CHARACTERISTIC CURVES 1N5391G THRU 1N5399G
FIG.2-TYPICAL INSTANTANEOUS FORWARD FLG.1-FORWARD CURRENT DERATING CURVE CHARACTERISTICS
FIG.4-MAXIMUM NON-REPETITIVE PEAK FIG.3-TYPICAL REVERSE CHARACTERISTICS FORWARD SURGE CURRENT
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 1N5391GTHRU1N5399G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X